PART |
Description |
Maker |
HM628128LP-7 HM628128LP-7SL HM628128LT-8SL HM62812 |
x8 SRAM x8的SRAM Non-reflective terminators (with SMA connectors); HRS No: 353-0017-3 50 x8SRAM
|
Everlight Electronics Co., Ltd.
|
HM62256LP-10 HM62256LP-10SL HM62256P-8 HM62256P-15 |
x8 SRAM x8的SRAM SMA type, Screw lock coupling, Standard coaxial connectors; HRS No: 323-0907-9 00; Contact Mating Area Plating: Gold x8SRAM
|
Hitachi,Ltd.
|
HY6264 HY6264-10 HY6264-12 HY6264-15 HY6264-70 HY6 |
8KX8-Bit CMOS SRAM x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDIP28 x8 SRAM 8K X 8 STANDARD SRAM, 85 ns, PDSO28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
CY7C1382CV25-167AI CY7C1382CV25-200BZI CY7C1382CV2 |
512K x 36 pipelined SRAM, 167MHz 512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA165 TRANS DARL PNP 100V 8A TO-220FP 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 512K x 36 pipelined SRAM, 225MHz
|
Cypress Semiconductor, Corp.
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
HM66AEB18205 HM66AEB18205BP-33 HM66AEB18205BP-30 H |
Memory>Fast SRAM>QDR SRAM 36-Mbit DDR II SRAM Separate I/O 2-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
AS5C4009LLDG-100/XT AS5C4009LLDG-100/IT AS5C4009LL |
512K*8 SRAM ultra Low power SRAM AVAILABLE AS MILITARY SPECIFICATION x8 SRAM x8的SRAM
|
Austin Semiconductor, Inc
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
AS7C164 AS7C164-20 AS7C164-20JC AS7C164-12 AS7C164 |
8K X 8 STANDARD SRAM, 12 ns, PDSO28 SRAM - 5V Fast Asynchronous 5V 8K X 8 CMOS SRAM
|
ALSC[Alliance Semiconductor Corporation]
|
AS7C3256A-8 AS7C3256A-8TCN AS7C3256A-8JC AS7C3256A |
SRAM - 3.3V Fast Asynchronous 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 8 ns, PDSO28 Dual 4-Input Positive-AND Gate 14-SSOP -40 to 85 32K X 8 STANDARD SRAM, 8 ns, PDSO28
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C33512PFS32_36A AS7C33512PFS36A-166TQIN AS7C335 |
3.3V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|